PART |
Description |
Maker |
CAT1026LI-45-GT3 CAT1026LI-45T3 CAT25C04LI-1.8TE13 |
Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM 1K/2K/4K SPI Serial CMOS EEPROM 16K-Bit CMOS PARALLEL EEPROM 64K-Bit CMOS PARALLEL EEPROM 512K-Bit CMOS Flash Memory 32K/64K-Bit SPI Serial CMOS EEPROM 1 Megabit CMOS Flash Memory 512K-Bit CMOS PARALLEL EEPROM 1 Megabit CMOS Boot Block Flash Memory 256K-Bit CMOS PARALLEL EEPROM Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer Precision, Adjustable Shunt Regulator Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer 128K/256K-Bit SPI Serial CMOS EEPROM 16K-Bit Serial EEPROM, Cascadable
|
CATALYST[Catalyst Semiconductor]
|
AD7564BRS AD7564AR-B AD7564AR-BREEL AD7564 |
LC2MOS 3.3 V/ 5 V/ Low Power/ Quad 12-Bit DAC LC2MOS 3.3 V/ 5 V, Low Power, Quad 12-Bit DAC QUAD, SERIAL INPUT LOADING, 3.5 us SETTLING TIME, 12-BIT DAC, PDSO28 3.3 V/ 5 V, Low Power, Quad 12-Bit CMOS DAC
|
Analog Devices, Inc.
|
FM25C040 FM25C040U FM25C040UE FM25C040UV |
CONN,HEADER,2X8,AV,.100 4K的位SPI⑩的CMOS EEPROM的串行接 4K-Bit SPI⑩ Interface Serial CMOS EEPROM 4K-Bit SPI Interface Serial CMOS EEPROM From old datasheet system 4K-Bit SPI?/a> Interface Serial CMOS EEPROM
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
AD9228BCPZ-65 AD9228BCPZRL7-65 AD9228BCPZRL7-40 |
Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter 4-CH 12-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, QCC48 Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter; Package: LFCSP 7x7mm (5.25EP); No of Pins: 48; Temperature Range: Industrial 4-CH 12-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, QCC48
|
Analog Devices, Inc.
|
AD7808BST AD7808BR AD7808BN AD7805BR |
High Efficiency Step-Down and Inverting DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 3.3 V to 5 V Quad/Octal 10-Bit DACs SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDSO24 3.3 V to 5 V Quad/Octal 10-Bit DACs SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDIP24 +3.3V to +5V Quad/Octal 10-Bit DACs
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
CAT24WC64J1.8TE13B CAT24WC64PTE13B CAT24WC32PTE13B |
32K/64K-Bit I2C Serial CMOS EEPROM 32K/64K-Bit I2C Serial CMOS E2PROM Serial CMOS EEPROM, Full Array Write Protect, 32Kb 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
CATALYST[Catalyst Semiconductor]
|
AD7871 AD7871TQ AD7872AN AD7872KR AD7871KN AD7872J |
CMOS, Complete 14-Bit Sampling ADC with Serial Output CMOS, Complete 14-Bit, Sampling ADC with Three Data Output Formats 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP16 10-Bit, 20 MSPS ADC SE/Diff Inputs with Int References and 9.5 bit ENOB 28-SOIC -40 to 85 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP28 LC2MOS Complete 14-Bit, Sampling ADCs 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 LC2MOS Complete 14-Bit/ Sampling ADCs
|
ANALOG DEVICES INC Analog Devices, Inc.
|
EVAL-AD5426EB EVAL-AD5443EB EVAL-AD5432EB AD5426YR |
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface CAP X7R 470PF 50V 10% 0603 CAP, .22UF, 10V, SMT, 0603 8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface SERIAL INPUT LOADING, 0.035 us SETTLING TIME, 10-BIT DAC, PDSO10 8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface SERIAL INPUT LOADING, 0.09 us SETTLING TIME, 8-BIT DAC, PDSO10 High Bandwidth CMOS 10-Bit Serial Interface Multiplying D/A Converter High Bandwidth CMOS 8-Bit Serial Interface Multiplying D/A Converter High Bandwidth CMOS 12-Bit Serial Interface Multiplying D/A Converter
|
Analog Devices, Inc.
|
28C64AFT-25/SO 28C64AT-25/SO 28C64AFT-25I/SO 28C64 |
32-Channel, 14-Bit, Voltage-Output DACs with Serial Interface Quad, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 128Kx8 EEPROM 128Kx8 EEPROM
|
Microchip Technology, Inc.
|
MAX520 MAX521BC/D MAX520-MAX521 MAX521ACWG-T MAX52 |
Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs SERIAL INPUT LOADING, 2 us SETTLING TIME, 8-BIT DAC, PDIP16 Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO24 Quad/Octal / 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
|
Maxim Integrated Products, Inc.
|
|